Part Number Hot Search : 
C740004 C5030 74HC16 LC749 MB95F QG144I TDA729 EKR47M
Product Description
Full Text Search
 

To Download 2SC3180N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon npn power transistors 2SC3180N description ? with to-3p(i) package ? complement to type 2sa1263n applications ? power amplifier applications ? recommend for 40w high fidelity audio frequency amplifier output stage pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings(ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 80 v v ceo collector-emitter voltage open base 80 v v ebo emitter-base voltage open collector 5 v i c collector current 6 a i b base current 0.6 a p c collector power dissipation t c =25 ?? 60 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? fig.1 simplified outlin e (to-3p(i)) and symbol
inchange semiconductor product specification 2 silicon npn power transistors 2SC3180N characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =50ma ,i b =0 80 v v cesat collector-emitter saturation voltage i c =5a; i b =0.5a 2.0 v v be base-emitter voltage i c =3a ; v ce =5v 1.5 v i cbo collector cut-off current v cb =80v; i e =0 5 | a i ebo emitter cut-off current v eb =5v; i c =0 5 | a h fe-1 dc current gain i c =1a ; v ce =5v 55 160 h fe-2 dc current gain i c =3a ; v ce =5v 35 f t transition frequency i c =1a ; v ce =5v 30 mhz c ob output capacitance i e =0 ; v cb =10v ;f=1mhz 105 pf ? h fe-1 classifications r o 55-110 80-160
inchange semiconductor product specification 3 silicon npn power transistors 2SC3180N package outline fig.2 outline dimensions(unindicated tolerance: ? 0.10 mm)
inchange semiconductor product specification 4 silicon npn power transistors 2SC3180N


▲Up To Search▲   

 
Price & Availability of 2SC3180N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X